PART |
Description |
Maker |
T491D227016AT T491D226020A T491C475020A T491B47502 |
T491 Industrial Grade MnO2 Series Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series T491 Industrial Grade MnO2 Series
|
Kemet Corporation
|
T491B685K016AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B686K010AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K016AT7280 |
T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491C106K025AH |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491D106K050AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491D476K010AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491C106K025AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
R5T510E477M010AGA030 R5T510E477K020AGA030 R5T510E4 |
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
|
Kemet Corporation
|
T356G156K025AT |
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 15 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T356A105K035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T356, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T495D107K010ATE050 |
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 50 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|